Part Number Hot Search : 
JANTX ZXMN4A06 AN171 P1602AAL MIC2941A RT9201 C2502 68K100
Product Description
Full Text Search
 

To Download DDTA113TKA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free green ds30343 rev. 6 - 2 1 of 4 ddta (r1-only series) ka www.diodes.com  diodes incorporated ddta (r1-only series) ka pnp pre-biased small signal sc-59 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistor, r1 only  lead free/rohs compliant (note 2)  " green" device (note 3 and 4) features maximum ratings @ t a = 25  c unless otherwise specified mechanical data  case: sc-59  case material: molded plastic, "green" molding compound, note 4. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over copper leadframe).  terminal connections: see diagram  marking: date code and type code (see table below & page 2)  ordering information (see page 2)  weight: 0.008 grams (approximate) new product p/n r1 (nom) type code ddta113tka ddta123tka ddta143tka ddta114tka ddta124tka ddta144tka ddta115tka ddta125tka 1k  2.2k  4.7k  10k  22k  47k  100k  200k  p01 p03 p07 p12 p16 p19 p23 p25 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sc-59 dim min max a 0.35 0.50 b 1.50 1.70 c 2.70 3.00 d 0.95 g 1.90 h 2.90 3.10 j 0.013 0.10 k 1.00 1.30 l 0.35 0.55 m 0.10 0.20  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. 3. diodes inc.'s "green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. product manufactured with date code 0609 (week 9, 2006) and newer are built with green molding compound. product manufactu red prior to date code 0609 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. a m j l d b c h k g r1 o ut b c e 3 2 1 in gnd(+) schematic and pin configuration
ds30343 rev. 6 - 2 2 of 4 ddta (r1-only series) ka www.diodes.com characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50  v i c = -50  a collector-emitter breakdown voltage bv ceo -50  v i c = -1ma emitter-base breakdown voltage bv ebo -5   v i e = -50  a collector cutoff current i cbo  -0.5  a v cb = -50v emitter cutoff current i ebo  -0.5  a v eb = -4v collector-emitter saturation voltage v ce(sat)  -0.3 v i c/ i b = -10ma/-1ma ddta113tka i c/ i b = -5ma/-0.5ma ddta123tka i c/ i b = -2.5ma/-.25ma ddta143tka i c/ i b = -1ma/-.1ma ddta114tka i c/ i b = -5ma-/0.5ma ddta124tka i c/ i b = -2.5ma/-.25ma ddta144tka i c/ i b = -1ma/-0.1ma ddta115tka i c/ i b = -.5ma/-.05ma ddta125tka dc current transfer ratio h fe 100 250 600  i c = -1ma, v ce = -5v input resistor (r 1 ) tolerance  r 1 -30  +30 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified new product * transistor - for reference only month jan feb mar apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2006 2007 2008 2009 2010 2011 2012 code t uvwxyz date code key xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september xxx ym marking information device packaging shipping DDTA113TKA-7-F sc-59 3000/tape & reel ddta123tka-7-f sc-59 3000/tape & reel ddta143tka-7-f sc-59 3000/tape & reel ddta114tka-7-f sc-59 3000/tape & reel ddta124tka-7-f sc-59 3000/tape & reel ddta144tka-7-f sc-59 3000/tape & reel ddta115tka-7-f sc-59 3000/tape & reel ddta125tka-7-f sc-59 3000/tape & reel notes: 4. product manufactured with date code 0609 (week 9, 2006) and newer are built with green molding compound. product manufactured prior date code 0609 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. (note 4 and 5) ordering information
ds30343 rev. 6 - 2 3 of 4 ddta (r1-only series) ka www.diodes.com new product 1 1 10 01020304050 i , collector current (ma) fi g . 6 input volta g e vs. collector current c v=0.2v o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01234 89 10 i , collector current (ma) c v , input voltage (v) fi g . 5 collector current vs. input volta g e in -25c 5 67 75c 25c 0.001 0 6 12 0 20 30 c , c apa c itance (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 10 8 4 2 f = 1mhz 10 1000 100 1 1 10 100 h , dc current gain fe i , collector current (ma) c fi g . 3 dc current gain v=10v ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , collector emitter voltage (v) ce(sat) fig. 2 i , collector current (ma) v vs. i c ce ( sat ) c i/i =10 cb -25 c 25 c 75 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 deratin g curve a p , power dissipation (mw) d typical curves - ddta114tka
ds30343 rev. 6 - 2 4 of 4 ddta (r1-only series) ka www.diodes.com new product important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DDTA113TKA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X